Part Number Hot Search : 
1N494 SMCJ10A 68HC0 01544 IRFP2 IRFR01 Y7C13 ATF10100
Product Description
Full Text Search
 

To Download MK2P-I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relay
Exceptionally reliable general purpose relay Long life (minimum 100,000 electrical operations) assured by silver contacts Built-in operation indicator (mechanical, LED), diode surge suppression, Varistor surge suppression The contact operation can be easily checked by mechanical indicator and/or push-to-test button options Conforms to CENELEC standards VDE approved versions available
MK
Ordering Information
To Order: Select the part number and add the desired coil voltage rating (e.g., MK3P5-S). Part number Type Standard LED indicator LED indicator and diode LED indicator and varistor Diode Varistor DC AC DC AC Terminal Plug-in Coil AC/DC Contact form DPDT 3PDT DPDT 3PDT DPDT 3PDT DPDT 3PDT DPDT 3PDT DPDT 3PDT Mechanical indicator MK2P-I MK3P-5-I MK2PN-I MK3PN-5-I MK2PND-I MK3PND-5-I MK2PNV-I MK3PNV-5-I MK2PD-I MK3PD-5-I MK2PV-I MK3PV-5-I Mechanical indicator & push-to-test button MK2P-S MK3P-5-S MK2PN-S MK3PN-5-S MK2PND-S MK3PND-5-S MK2PNV-S MK3PNV-5-S MK2PD-S MK3PD-5-S MK2PV-S MK3PV-5-S
Note: 1. Reverse polarity versions available on DC coil types. Consult your OMRON representative for further information. 2. VDE approved versions are available. Consult your OMRON representative for further information.
ACCESSORIES (Order separately)
To Order: Select the appropriate part numbers for sockets, clips, and mounting tracks (if required) from the available types chart. Track mounted sockets Part number Socket PF083A-E PF113A-E
Relay type SPDT DPDT 3PDT
Relay hold-down clip PFC-A1 PFC-A1
Mounting track/end plate PFP-100N or PFP-50N and PFP-M (end plate) PFP-100N or PFP-50N and PFP-M (end plate)
MK
ACCESSORIES (continued)
Back connecting sockets Part number Relay type SPDT DPDT 3PDT Socket PL08 PLE08-0 PL08-Q PL11 PLE11-0 PL11-Q Relay hold-down clip PLC-E PLC-10 PLC-E PLC-E PLC-10 PLC-E
MK
Specifications
CONTACT DATA
Load Rated load Resistive load (p.f. = 1) 2 Pole 3 Pole 10 A at 250 VAC 10 A at 28 VDC Ag 10 A 250 VAC, 250 VDC 10 A 2,500 VA 280 W 10 mA at 1 VDC 2,500 VA/1,250 VA (NO/NC contacts) 280 W 1,750 VA 10 A at 120 VAC 10 A at 28 VDC 10 A at 250 VAC Inductive load (p.f. = 0.4) 7 A at 250 VAC
Contact material Carry current Max. operating voltage Max. operating current Max. switching capacity Min. permissible load
COIL DATA
AC Rated voltage (VAC) 6 12 24 50 110 120 220 240 DC Rated voltage (VDC) 6 12 24 48 110 Rated current (mA) (at 60 Hz) 255 126 56 29.5 15.1 Coil resistance () 23.5 95 430 1630 7300 Coil inductance (Ref. value) (H) Armature OFF 0.206 0.963 4.915 16.685 80.2 Armature ON 0.106 0.449 2.478 10.487 42.6 Pick-up voltage 80% max. Approx. 2.7 VA Dropout voltage 15% min. Maximum voltage Power consumption (mW) Rated current (mA) (at 60 Hz) 360 180 88.0 39.0 21.0 18.0 11.0 9.2 Coil resistance () 3.9 16.3 68.0 338 1240 1578 5090 6737 Coil inductance (Ref. value) (H) Armature OFF 0.0423 0.3270 0.6940 3.195 13.45 15.04 49.73 58.62 Armature ON 0.0201 0.1666 0.3760 1.530 7.32 7.19 27.02 32.07 Pick-up voltage 80% max. Approx. 2.7 VA Dropout voltage 30% min. (at 60 Hz) 25% min. (at 50 Hz) Maximum voltage Power consumption (mW)
% of rated voltage
110% max. Approx. 2.3 VA (at 60 Hz) Approx. 2.7 VA (at 50 Hz)
% of rated voltage
110% max. Approx. 1.5 W
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23 C (73 F) with a tolerance of 15% for DC rated current and +15%, -20% for AC rated current. 2. The rated current is reference value. 3. Performance characteristic data are measured at a coil temperature of 23 C (73 F). 4. For models with the LED indicator built-in, add an LED current of approximately 0 thru 5 mA to the rated current. 2
MK
CHARACTERISTICS
Contact resistance Operate time Release time Operating frequency Insulation resistance Dielectric strength Mechanical Electrical 50 m max. AC: 20 ms max. DC: 30 ms max. 20 ms max. 18,000 operations/hour 1,800 operations/hour (under rated load) 100 M min. (at 500 VDC) 2,500 VAC, 50/60 Hz for 1 minute between coil and contacts 1,000 VAC, 50/60 Hz for 1 minute between contacts of same poles, between terminals of the same polarity 2,500 VAC, 50/60 Hz for 1 minute between current-carrying parts, noncurrentcarrying parts, and terminals of opposite polarity Mechanical durability Malfunction durability Shock Ambient temperature Humidity Service Life Weight Note: Data shown are of initial value. Mechanical Electrical Mechanical durability Malfunction durability 10 to 55 Hz, 1.50 mm (0.06 in) double amplitude 10 to 55 Hz, 1.00 mm (0.04 in) double amplitude 1,000 m/s 2 (approx. 100 G) 100 m/s2 (approx. 10 G) Operation: -10 to 40 C (14 to 104 F) 35 to 85% RH 10 million operations min. (at operating frequency of 18,000 operations/hour)
MK
Vibration
100,000 operations at rated load (at operating frequency of 1,800 operations/hour) Approx. 0.85 g (3.0 oz)
CHARACTERISTIC DATA
Maximum switching capacity MK2P-S, MK3P5-S Electrical service life MK2P-S, MK3P5-S
Rated operating voltage (V)
Service life (x 106 operations)
Rated operating current (A)
Rated operating current (A)
3
MK
MK
Dimensions
Unit: mm (inch)
RELAYS
TERMINAL ARRANGEMENT (Bottom view)
Standard type (AC/DC coil) MK2P-I, S MK3P5-I, -S LED indicator type (AC coil) MK2PN-I, -S MK3PN-5-I, -S
LED indicator type (DC coil) MK2PN-I, -S
MK3PN-5-I, -S
Diode type (DC coil) MK2PD-I, -S
MK3PD-5-I, -S
Varistor type (AC coil) MK2PV-I, -S
MK3PV-5-I, -S
LED indicator and diode type (DC coil) MK2PND-I, -S MK3PND-5-I, -S
LED indicator and Varistor type (AC coil) MK2PNV-I, -S MK3PNV-5-I, -S
4
MK
ACCESSORIES
Track mounted socket PF083A-E (conforming to DIN EN 50022) Terminal arrangement Mounting holes
MK
Mounting dimensions of relay with socket
Note: Model PF083A-E can be used as a front connecting socket.
Track mounted socket PF113A-E (conforming to DIN EN 50022)
Terminal arrangement
Mounting holes
Mounting dimensions of relay with socket
Note: Model PF113A-E can be used as a front connecting socket.
Back connecting socket MK2 sockets (8 pin) PL08 (UL File No. E87929) Solder terminals PL08-Q Wire wrap terminals
Printed circuit board socket PLE08-0
Mounting holes PL08
PL08 type sockets and MK2 relay Total height dimension
Recommended PCB layout PLE08-0
5
MK
Unit: mm (inch)
MK
ACCESSORIES (continued)
Back connecting socket MK3 sockets (11 pin) PL11 (UL File No. E87929) Solder terminals PL11-Q Wire wrap terminals Printed circuit board socket PLE11-0
Mounting holes PL11
PL11 type sockets and MK3 relay Total height dimension
Recommended PCB layout PLE11-0
Mounting tracks PFP-100N/PFP-50N (conforming to DIN EN 500022) PFP-100N2 (conforming to DIN EN 500022)
Note: 1. *This dimension applies to mounting track PFP-50N. 2. A total of twelve 25 x 4.50 mm (0.98 x 0.18 in) elliptic holes is provided with six holes cut from each rail end at a pitch of 10 mm (0.39 in) holes.
PFP-M end plate
Note: Use of Type PFP-M end plate is recommended to secure the socket on the mounting track. Be sure that the engraved arrow mark on the surface of the end plate faces upward and then tighten the screw firmly with a screwdriver.
6
MK
APPROVALS
UL (File No. E41515)/CSA (File Nos. LR41408 and LR335535) Type MK2P-I, -S Contact form DPDT Coil ratings 6 to 250 VAC 6 to 110 VDC MK3P5-I, -S 3PDT 6 to 250 VAC 6 to 110 VDC Contact ratings 10 A, 250 VAC, Resistive 10 A, 28 VDC, Resistive 7 A, 250 VAC, Inductive 10 A, 120 VAC, Resistive 10 A, 28 VDC, Resistive 10 A, 250 VAC, Resistive 7 A, 250 VAC, Inductive SEV, DEMKO Type MK2P-I, -S Contact form DPDT Coil ratings 6 to 110 VDC Contact ratings 10 A, 250 VAC (NO) (coso = 1) 5 A, 250 VAC (NC) (coso = 1) MK3P5-I, -S 3PDT 6 to 240 VAC 10 A, 280 VDC (NO) 5 A, 280 VDC (NC) 7 A, 250 VAC (coso = 0.4) TUV (File No. R9051410) Type MK2P-I, -S Contact form DPDT Coil ratings 6, 12, 24, 48, 100, 110 VDC MK3P5-I, -S 3PDT 6, 12, 24, 50, 110, 115, 120, 200, 220, 230, 240 VAC Note: 1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics individually defined in this catalog. 2. VDE, Nemko and Semko versions are available. Please consult your OMRON representative for further information. 3. In the interest of product improvement, specifications are subject to change. Contact ratings 10 A, 250 VAC (NO) (coso = 1) 5 A, 250 VAC (NC) (coso = 1) 10 A, 280 VDC (NO) 5 A, 280 VDC (NC) 7 A, 250 VAC (coso = 0.4)
MK
OMRON ELECTRONICS, INC.
One East Commerce Drive Schaumburg, IL 60173
OMRON CANADA, INC.
885 Milner Avenue Scarborough, Ontario M1B 5V8
1-800-55-OMRON
Cat. No. GC RLY7 01/00 Specifications subject to change without notice.
416-286-6465
Printed in the U.S.A. 7


▲Up To Search▲   

 
Price & Availability of MK2P-I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X